PART |
Description |
Maker |
GET-BC-0004 |
Qualification Test Report on NE292
|
California Eastern Labs
|
GET-BC-0004 |
Qualification Test Report on NE292
|
California Eastern Laboratories
|
EFM32ZG222F4-QFP48T |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
EFM32ZG222F4-QFP48 |
Updated specifications based on the results of additional silicon characterization.
|
Silicon Laboratories
|
MICROFOX-P-ESD-DB |
Screwed precision-joint for permanent stability and optimum results
|
PHOENIX CONTACT
|
6171-0 6171-2 |
Test Companion Test Kit For Fluke 20 & 70 Series DMM’s
|
Pomona Electronics
|
0040.1012 0040.1013 0040.1015 0040.1011 0040.1014 |
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
|
Schurter Inc.
|
1N754 1N746 1N759 1N4371 1N4372 1N747 1N748 1N749 |
500mW SILICON ZENER DIODES 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 12.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 4.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 8.2 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -2% tolerance. SIDE GRIPS, PAIR GREY LARGESIDE GRIPS, PAIR GREY LARGE; Colour:Grey; Pack size:2 surface mount silicon Zener diodes 500mW, silicon zener diode. Zener voltage 12 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 10 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 7.5 V. Test current 20 mA. -1% tolerance.
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 娴???洪??靛??ㄤ欢??????
|
EFM32G290F32-BGA112 EFM32G890F32-BGA112 EFM32G840F |
Updated specifications based on the results of additional silicon characterization
|
Silicon Laboratories
|
6470 |
Test Probe; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE SMD Microtip Test Probe Set
|
Pomona Electronics
|
TC57 TC572502ECT TC573002ECT TC573302ECT TC573002 |
The TC57 is a low dropout regulator controller that operates with an external PNP pass transistor, allowing the user to tailor the LDO characteristics to suit the application at hand. This results in lower dropout operation (and often lowe Line Regulator Controller
|
MICROCHIP[Microchip Technology]
|